PART |
Description |
Maker |
CR80-040 CR150-100 CR80-020LEADFREE CENTRALSEMICON |
2.5V to 5.5V, 230µA Dual Rail-to-Rail Voltage Output 10-Bit DAC with Parallel Interface in 24-lead TSSOP 80 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 150 A, 1000 V, SILICON, RECTIFIER DIODE, DO-8 80 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 200 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 600 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 800 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 400 V, SILICON, RECTIFIER DIODE, DO-5 60 A, 1200 V, SILICON, RECTIFIER DIODE, DO-5 True Bipolar Input, Dual 12-Bit, 2-Channel, Simultaneous Sampling SAR ADC; Package: TSSOP; No of Pins: 24; Temperature Range: Industrial 80 A, 800 V, SILICON, RECTIFIER DIODE, DO-5
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
MB3505-BC01 MB351-BC01 MB352-BC01 MB354-BC01 MB356 |
35A, 600V ultra fast recovery rectifier 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
NTE5513 NTE5511 NTE5512 |
Silicon controlled rectifier (SCR), 5 Amp. Peak reverse voltage (repetitive) Vrm(rep) = 400V. Forward current RMS Ifrms = 5A. Silicon Controlled Rectifier (SCR) 5 Amp
|
NTE[NTE Electronics]
|
1N5394GP 1N5395GP 1N5393GP 1N5399GP 1N5391GP 1N539 |
1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 500 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 300 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 600 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 50 V, SILICON, RECTIFIER DIODE, DO-15 1.5 Amp Glass Passivated Rectifier 50 - 1000 Volts 1.5 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
MCC[Micro Commercial Components] Micro Commercial Components, Corp.
|
CZSH5-40 |
SURFACE MOUNT SILICON SCHOTTKY BARRIER RECTIFIER 5.0 AMP, 40 VOLTS 5 A, 40 V, SILICON, RECTIFIER DIODE
|
Central Semiconductor, Corp.
|
NTE5906 NTE6005 NTE5980 NTE5907 NTE5995 NTE5986 NT |
Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 400V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1600V. Average forward current 40A. Silicon power rectifier diode. Anode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Silicon power rectifier diode. Cathode to case. Max repetitive peak reverse voltage 1000V. Average forward current 40A. Receptacle With A Wire Wrap Tail Silicon Power Rectifier Diode / 40 Amp Silicon Power Rectifier Diode 40 Amp NTE5906, NTE5907, NTE5980 thru NTE6005 Silicon Power Rectifier Diode, 40 Amp 40 A, 300 V, SILICON, RECTIFIER DIODE 40 A, 200 V, SILICON, RECTIFIER DIODE
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
CS48-35N CS48-35D CS48-35M CS48-35P CS48-35PB CS48 |
SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 800 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 600 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1200 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 1000 V, SCR, TO-48 SILICON CONTROLLED RECTIFIER 35 AMP, 200 THRU 1200 VOLTS 35 A, 400 V, SCR, TO-48
|
Central Semiconductor Corp. Central Semiconductor, Corp.
|
JHV37H2O PHV616 |
High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 85; Vrwm (V): 20000; IR (µA): 50; 85 A, SILICON, RECTIFIER DIODE High Voltage Rectifier; Package: SEE_FACTORY; IO (A): 15; IFSM (A): 400; Vrwm (V): 16000; IR (µA): 5000; 20 A, SILICON, RECTIFIER DIODE
|
Microsemi, Corp.
|
RL202GP RL207GP RL206GP RL205GP RL201GP RL203GP RL |
2 Amp Glass Passivated Rectifier 50 to 1000 Volts 2 A, 400 V, SILICON, RECTIFIER DIODE, DO-15 2 Amp Glass Passivated Rectifier 50 to 1000 Volts 2 A, 800 V, SILICON, RECTIFIER DIODE, DO-15
|
Micro Commercial Components, Corp. MCC[Micro Commercial Components]
|
GBU8M GBU8J-BP GBU8K-BP GBU8M-BP GBU8J GBU8D-BP GB |
8 Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts RECT BRIDGE GPP 8A 400V GBU 8 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 600V GBU 8 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 800V GBU 8 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 50V GBU 8 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE RECT BRIDGE GPP 8A 100V GBU 8 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
Micro Commercial Compon... 天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
1N6842 |
60 VOLTS, 10 AMP DUAL SCHOTTKY COMMON CATHODE CENTERTAP RECTIFIER 10 A, 60 V, SILICON, RECTIFIER DIODE Schottky Rectifier
|
Microsemi, Corp. Microsemi Corporation
|
|